|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
B40C1500G thru B380C1500G Vishay General Semiconductor Glass Passivated Single-Phase Bridge Rectifier FEATURES * Ideal for printed circuit boards * High case dielectric strength + ~ + - ~ e4 * High surge current capability * Typical IR less than 0.1 A ~ ~ - * Solder dip 260 C, 40 s * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC TYPICAL APPLICATIONS General purpose use in ac-to-dc bridge full wave rectification for power supply, adapter, charger, lighting ballaster on consumers and home appliances applications. MECHANICAL DATA Case: WOG Epoxy meets UL 94V-0 flammability rating Terminals: Silver plated leads, solderable per J-STD-002 and JESD22-B102 E4 suffix for consumer grade Polarity: As marked on body Case Style WOG PRIMARY CHARACTERISTICS IF(AV) VRRM IFSM IR VF TJ max. 1.5 A 65 V to 600 V 50 A 10 A 1.0 V 125 C MAXIMUM RATINGS (TA = 25 C unless otherwise noted) PARAMETER Maximum repetitive peak reverse voltage Maximum RMS input voltage R- and C-load Maximum DC blocking voltage Maximum peak working voltage Maximum non-repetitive peak voltage Maximum repetitive peak forward surge current Maximum average forward output current for free air operation at TA = 45 C R- and L-load C-load SYMBOL VRRM VRMS VDC VRWM VRSM IFRM IF(AV) IFSM It Rt CL TJ TSTG 1.0 5000 2.0 2500 2 B40 C1500G 65 40 65 90 100 B80 C1500G 125 80 125 180 200 B125 C1500G 200 125 200 300 350 10 1.6 1.5 50 12.5 4.0 1000 - 40 to + 125 - 40 to + 150 B250 C1500G 400 250 400 600 600 B380 C1500G 600 380 600 800 1000 UNIT V V V V V A A A A 2s F C C Peak forward surge current single sine-wave on rated load Rating for fusing at TJ = 125 C (t < 100 ms) Minimum series resistor C-load at VRMS = 10 % Maximum load capacitance Operating junction temperature range Storage temperature range + 50 % - 10 % 8.0 500 12 200 Document Number: 88501 Revision: 15-Apr-08 For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com www.vishay.com 1 B40C1500G thru B380C1500G Vishay General Semiconductor ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted) PARAMETER Maximum instantaneous forward voltage drop per diode Maximum reverse current at rated repetitive peak voltage per diode TEST CONDITIONS 1.5 A TA = 25 C SYMBOL VF IR B40 C1500G B80 C1500G B125 C1500G 1.0 10 B250 C1500G B380 C1500G UNIT V A THERMAL CHARACTERISTICS (TA = 25 C unless otherwise noted) PARAMETER Typical thermal resistance (1) Note: (1) Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. at 0.375" (9.5 mm) lead lengths with 0.22 x 0.22" (5.5 x 5.5 mm) copper pads SYMBOL RJA RJL B40 C1500G B80 C1500G B125 C1500G 36 11 B250 C1500G B380 C1500G UNIT C/W ORDERING INFORMATION (Example) PREFERRED P/N B380C1500G-E4/51 UNIT WEIGHT (g) 1.12 PREFERRED PACKAGE CODE 51 BASE QUANTITY 100 DELIVERY MODE Plastic bag RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted) 1.6 1.6 50 to 60 Hz Resistive or Inductive Load Capacitive Load < 500 F 500 - 5000 F 50 to 60 Hz Resistive or Inductive Load Capacitive Load 0 - 10 F 10 - 100 F > 100 F Bridge Output Full Wave Rectified Current Average (A) Bridge Output Full Wave Rectified Current Average (A) 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 20 40 60 0.375" (9.5 mm) 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0.375" (9.5 mm) P.C.B. P.C.B. Copper Pads 0.22 x 0.22" (5.5 x 5.5 mm) 80 100 120 140 Copper Pads 0.22 x 0.22" (5.5 x 5.5 mm) 20 40 60 80 100 120 140 Ambient Temperature (C) Ambient Temperature (C) Figure 1. Derating Curves Output Rectified Current for B40C1500G...B125C1500G Figure 2. Derating Curves Output Rectified Current for B250C1500G...B380C1500G www.vishay.com 2 For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com Document Number: 88501 Revision: 15-Apr-08 B40C1500G thru B380C1500G Vishay General Semiconductor 50 10 TA = 25 C Single Sine-Wave 40 Instantaneous Reverse Current (A) Peak Forward Surge Current (A) TJ = 100 C 1 30 20 0.1 10 TJ = 25 C 0.01 0 20 40 60 80 100 0 1 10 100 Number of Cycles at 60 Hz Percent of Rated Peak Reverse Voltage (%) Figure 3. Maximum Non-Repetitive Peak Forward Surge Current Per Diode 100 Figure 5. Typical Reverse Characteristics Per Diode 100 TJ = 25 C Pulse Width = 300 s 1 % Duty Cycle TJ = 25 C f = 1.0 MHz Vsig = 50 mVp-p Instantaneous Forward Current (A) 10 Junction Capacitance (pF) 1 10 0.1 0.01 0.4 0.6 0.8 1.0 1.2 1.4 1 0.1 1 10 100 Instantaneous Forward Voltage (V) Reverse Voltage (V) Figure 4. Typical Forward Characteristics Per Diode Figure 6. Typical Junction Capacitance Per Diode PACKAGE OUTLINE DIMENSIONS in inches (millimeters) Case Style WOG 0.388 (9.86) 0.348 (8.84) 0.220 (5.6) 0.160 (4.1) 1.0 (25.4) MIN. 0.032 (0.81) 0.028 (0.71) 0.060 (1.52) 0.020 (0.51) 0.348 (8.84) 0.308 (7.82) 0.220 (5.6) 0.180 (4.6) 0.220 (5.6) 0.180 (4.6) Document Number: 88501 Revision: 15-Apr-08 For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com www.vishay.com 3 Legal Disclaimer Notice Vishay Disclaimer All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners. Document Number: 91000 Revision: 18-Jul-08 www.vishay.com 1 |
Price & Availability of B125C1500G |